Part Number Hot Search : 
UA776ID 2SC4613T ATC100B 4840S D9F2F000 25X20 VBC5027C TH8055
Product Description
Full Text Search
 

To Download RP10-1205SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

2:1 Wide Input Voltage Range 10 Watts Output Power 1.6kVDC Isolation Fixed Operating Frequency Six-Sided Continuous Shield International Safety Standard Approvals UL 1950 Component Recognized Standard 50.8 x25.4x10.2mm Package Efficiency to 86%
POWERLINE
DC/DC-Converter
RP10S_DE Series
10 Watt 2" x 1" Package Single & Dual Output
Selection Guide 12V, 24V and 48V Input Types
Part Number Input Range VDC 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 2000 2000 830 670 2000 2000 830 670 2000 2000 830 670 1000 416 333 1000 416 333 1000 416 333 Input (4) Current mA 724 1082 1064 1088 362 534 519 523 183 260 253 258 1068 1053 1041 548 520 520 267 254 260 Efficiency(5) % 80 81 82 81 80 82 84 84 79 84 86 85 82 83 84 80 84 84 82 86 84 Capacitive(6) Load max. F 6800 4700 690 470 6800 4700 690 470 6800 4700 690 470 680 330 110 680 330 110 680 330 110
RP10-123.3SE RP10-1205SE RP10-1212SE RP10-1215SE RP10-243.3SE RP10-2405SE RP10-2412SE RP10-2415SE RP10-483.3SE RP10-4805SE RP10-4812SE RP10-4815SE RP10-1205DE RP10-1212DE RP10-1215DE RP10-2405DE RP10-2412DE RP10-2415DE RP10-4805DE RP10-4812DE RP10-4815DE
Description
The E-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. They also meet UL 1950 and CSA 950 standards (9).
206
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP10-S_DE Series
125 100 76 Output Power (%) 75 50 25 0 -25 -10 0 50 60 70 80 90 100 81
Derating-Graph (Ambient Temperature)
125 100 67 Output Power (%) 75 50 25 0 -25 -10 0 50 60 70 80 90 100 79
RP10-2405SE
RP10-2405SE With Heat Sink
Natural Convection
Natural Convection
Ambient Temperature Range (C)
Ambient Temperature Range (C)
RP10-2405DE
125 100 67 Output Power (%) 75 50 25 0 -25 -10 0 50 60 70 80 90 100 79 86 Output Power (%) 125 100
RP10-2405DE With Heat Sink
Natural Convection
75 50 25 0 -25
Natural Convection
-10 0
Ambient Temperature Range (C)
Ambient Temperature Range (C)
50 60 70 80 90 100 83
RP10-4805SE
125 100 75 Output Power (%) Output Power (%) 50 25 50 60 70 Ambient Temperature Range (C) 0 -25 -10 0 80 90 100 125 100 75
RP10-2405SE_DE/M1
Natural Convection
50 25
Natural Convection
0 -40 -25 -10 0
50 60 70
Ambient Temperature Range (C)
80 90 100 85
RP10-4805SE/M1
125 100 75 Output Power (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 85 125 100
RP10-2405SE_DE/M1 With Heat Sink
Output Power (%)
Natural Convection
75 50 25
Natural Convection
0 -40 -25 -10 0
50 60 70
Ambient Temperature Range (C)
Ambient Temperature Range (C)
80 90 100 88
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
www.recom-international.com April-2005 207
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input
RP10-S_DE Series
9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 30mAp-p 20ms typ. DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Nominal input Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V 2.5mA 10W max. 2% 10% of FL 1% Single Dual 1% 2% 5% Single Dual 50mVp-p 75mVp-p 0.02%/C, max. 500S 3.3V output 5V output 12V output 15V output 3.9V 6.2V 15V 18V 150% typ Hiccup, automatic recovery see Selection Guide" table 1.600VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 Standard M1 -25C to +85C(with derating) -40C to +85C(non derating) +100C -55C to +105C continued on next page
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 8) (Positive logic) (Negative logic) Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith)
Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp
Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards Operating Temperature Range (Reference Derating Curve) Maximum Case Temperature Storage Temperature Range
208
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Thermal Impedance Natural convection
RP10-S_DE Series
12C/Watt 10C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 27g 50.8 x 25.4 x 10.2mm 1.976 x 106 Hours Natural convection with Heat Sink
Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2)
Notes :
1. The RP10 (W) series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listedspecification. 2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment). 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input. Positive logic ON/OFF is standard, no suffix (Ex. RP10-2405SE) Negative logic ON/OFF is marked with suffix-N (Ex. RP10-2405SE/N). 8. Heat sink is optional and P/N: 7G-0020A. 9. The M1 version (RP10-xxxxSE/M1, RP10-xxxxDE/M1) does not carry the UL certification. 10.M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version. 11. See application notes for EMI-filtering.
www.recom-international.com
April-2005
209
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
RP10-S_DE Series
3rd angle projection
50.80
25.40 10.20
dia. 1.0 15.20 20.30
5.6 2.50 5.10
Pin Connections
3 1 2 6
Bottom View
10.20
4
10.20
5
12.70
Pin # 1 2 3 4 5 6
Single +Vin -Vin +Vout No Pin -Vout CTRL
Dual +Vin -Vin +Vout Com -Vout CTRL
Pin Pitch Tolerance 0.35 mm
210
April-2005
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RP10-1205SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X